PART |
Description |
Maker |
MSK4324HU |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 15; Gain (dB): 10; VDD (V): 50; Coss (pF): 240; Case Style: M174 BRUSHLESS DC MOTOR CONTROLLER, 15 A, CDFM43
|
M.S. Kennedy, Corp.
|
IRF7103Q IRF7103QTR IRF7103QN |
N-channel power MOSFET for anti-lock braking systems applications, 50V, 3A TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 50V V(BR)DSS | 3A I(D) | SO Power MOSFET(Vdss=50V) 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 50V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
2SD1061 2SB825 2SB825Q |
50V/7A Switching Applications 50V/7A开关应 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-220AB
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
BUZ71 2950 BUZ71A |
N - CHANNEL 50V - 0.1W - 13A TO-220 STripFET] POWER MOSFET N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
SUP45N05-20L SUB45N05-20L SUP45N05-20L-E3 |
Trans MOSFET N-CH 50V 45A 3-Pin(3 Tab) TO-220AB N-Channel 50-V (D-S), 175C MOSFET, Logic Level
|
Vishay Siliconix
|
4608H-701-332/472 4608H-701-332/272 4608H-701-332/ |
RC NETWORK, BUSSED, 3300ohm, 50V, 0.0047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.0027uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.000047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.00047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 100000ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 82ohm, 50V, 0.00012uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 82ohm, 50V, 0.00022uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 390000ohm, 50V, 0.027uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 1500ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 10000ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 330ohm, 50V, 0.0001uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 100ohm, 50V, 0.0047uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 33ohm, 50V, 0.000047uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 1200ohm, 50V, 0.047uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 33ohm, 50V, 0.00047uF, THROUGH HOLE MOUNT, SIP-9 Thick Film Resistor Network; Series:4600X; Resistance:22ohm; Resistance Tolerance: 5, - 20%; Power Rating:1.13W; Operating Temperature Range:-55 C to ? C; Resistor Element Material:Thick Film; Voltage Rating:100VDC RoHS Compliant: No RC NETWORK, BUSSED, 100000ohm, 50V, 0.0039uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 33000ohm, 50V, 0.001uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 15000ohm, 50V, 0.00068uF, THROUGH HOLE MOUNT, SIP-9 RC NETWORK, BUSSED, 15000ohm, 50V, 0.00033uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 100000ohm, 50V, 0.033uF, THROUGH HOLE MOUNT, SIP-9 RC NETWORK, BUSSED, 330ohm, 50V, 0.00033uF, THROUGH HOLE MOUNT, SIP-9
|
Bourns, Inc. BOURNS INC
|
BUZ11 BUZ11R4941 |
30A, 50V, 0.040 Ohm, N-Channel Power MOSFET 30A, 50V, 0.040Ohm, N-Channel Power MOSFET
|
Fairchild Semiconductor Corporation
|
SB20W05V |
Schottky Barrier Diode (Twin Type Cathode Common) 50V, 2A Rectifier 50V 2A Rectifier 50V/ 2A Rectifier
|
SANYO[Sanyo Semicon Device]
|
BUK107-50DLT/R |
TRANSISTOR | MOSFET | N-CHANNEL | 50V V(BR)DSS | 500MA I(D) | SOT-223 N-Channel Enhancement MOSFET N沟道MOSFET的增
|
Electronic Theatre Controls, Inc.
|
AF15N50DNPTR-G1 |
50V N-Channel MOSFET
|
Diodes Incorporated
|
MTN002N05Y3 |
50V N-CHANNEL Enhancement Mode MOSFET
|
Cystech Electonics Corp.
|
|